Part Number Hot Search : 
2SK211 155K250 225AC EL5327CR PKG00 TLN119 7805P C6005
Product Description
Full Text Search
 

To Download R1A7G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R1A1G THRU R1A7G
Features
* The plastic package carries Underwrites Laboratory Flammability Classification 94V-0 * High current capability * Low reverse leakage * Glass passivated junction * Low forward voltage drop * High temperature soldering guaranteed : 350E /10 seconds, 0.375"(9.5mm) lead length, 5 lbs, (2.3kg) tension
CURRENT 1.0Ampere VOLTAGE 50 to 1000 Volts
R-1
0.102(2.6) 0.091(2.3) DIA.
0.787(20.0) MIN.
0.126(3.2) 0.106(2.7)
Mechanical Data
* Case : R-1 molded plastic body * Terminals : Lead solderable per MIL-STD-750, method 2026 * Polarity : Color band denotes cathode end * Mounting Position : Any * Weight : 0.007 ounce, 0.19 grams
0.025(0.65) 0.021(0.55) DIA. 0.787(20.0) MIN.
Dimensions in inches and (millimeters)
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length TA=25E Peak forward surge current 8.3ms half sing wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.0A Maximum reverse current at rated voltage TA=25E TA=100E VRRM VRMS VDC I(AV) IFSM VF IR Re JA CJ TJ TSTG
R1A1G
50 35 50
R1A2G
100 70 100
R1A3G
200 140 200
R1A4G
400 280 400 1.0 25.0 1.0 5.0 50.0 50.0 15.0
R1A5G R1A6G R1A7G
600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amp Amps Volts iA E /W pF E
Typical thermal resistance (Note 2) Typical junction capacitance (Note 1) Operating and Storage temperature Range
-65 to +175
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC. (2) Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length, P.C.B. mounted
RATINGS AND CHARACTERISTIC CURVES R1A1G THRU R1A7G
FIG.1-FORWARD CURRENT DERATING CURVE
1.0 AVERAGE FORWARD CURRENT AMPERES 0.8 INSTANTANEOUS FORWARD CURRENT(AMPERES) 0.6 0.4
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10
0.2 0 0
1
25
50
75
100
125
150
175
TJ=25E
LEAD TEMPERATURE ( E )
0.1
PULSE WIDTH=300mS 1% DUTY CYCLE
FIG.3-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50 40 30
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.01 0.6 0.8 1.0 1.2 1.4 1.5
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
PEAK FORWARD SURGE CURRENT (AMPERES)
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20 10 0 1 10 NUMBER OF CYCLES AT 60Hz 100 INSTANTANEOUS REVERSE CURRENT (mA) 10
1.0
TJ=25E
FIG.5-TYPICAL JUNCTION CAPACITANCE
100 JUNCTION CAPACITANCE(pF)
0.1
0.01
TJ=25E
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) 10
1 0.1 1 10 100 REVERSE VOLTAGE. VOLTS


▲Up To Search▲   

 
Price & Availability of R1A7G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X